| Moteur de recherche de fiches techniques de composants électroniques |
|
EPC131 Fiches technique(PDF) 1 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC131 Fiches technique(HTML) 1 Page - Espros Photonics corp |
|
1 / 9 page ![]() epc130/epc131 Photo-receiver Amplifier General Description The epc13x family products are monolithic, integrated high sensi- tive photo-diode amplifiers for light-barrier, light-curtain, and the like applications. It amplifies current pulses from reverse-biased PIN photodiodes (e.g. epc300) and generates an analog output signal, driven by a push-pull output stage. This device allows the design of short to long range light barriers from a few millimeters up to tens of meters. The analog output can be analyzed by signal processing circuitry in oder to extract weak optical signals on a heavy noise floor. Thus, very sensitive light barriers or other optical sensors can be built with very limited effort. The epc13x is controlled by a digital controller, which uses no ex- ternal clock signal. The device has been optimized to utilize the least count of external components. epc134-epc139 are the same devices but with an digital output. Please refer to the corresponding data sheet. Features Low current consumption High sensitivity Analog output CSP6 package with very small footprint and standard QFN16 pack - age available Applications Light barriers ranging from millimeters to tens of meters Light curtains Smoke detectors Liquid detectors Heart beat monitors Device selection table Model Output digital analog w/o fast high epc130 x x x epc131 x x x epc134 x x x x epc135 x x x x epc136 x x x x epc137 x x x x epc138 x x x x epc139 x x x x Light Reserve Output Response Time Sensitivity with slow low medium very high Functional Block Diagram SIGNAL PROCESSOR OUT AMP PD CN CONTROLLER VSS VDD © 2011 ESPROS Photonics Corporation Characteristics subject to change without notice 1 Datasheet epc13x analog - V2.1 www.espros.ch |
Numéro de pièce similaire - EPC131 |
|
Description similaire - EPC131 |