Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPV1020 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics SPV1020 Datasheet HTML 15Page - STMicroelectronics SPV1020 Datasheet HTML 16Page - STMicroelectronics SPV1020 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SPV1020
Detailed description
Doc ID 17588 Rev 3
13/19
5.11
SPI timing diagram
Figure 5 shows the SPI timing diagram.
Figure 5.
SPI timing diagram
Typical timing requirements are listed in
Table 8 and are based on characterization; these
parameters are not tested in production.
Table 7.
Commands list
Code(Hex)
Name
R/W
Comment
00
Not used
RESERVED
01
NOP
No operation
02
SHUT
Shutdown
03
Turn ON
Required only after SHUT command
04
Read current
Read
10-bit
05
Read vin
Read
10-bit
06
Read pwm
Read
9-bit
07
Read status
Read
Read OVC (4-bit) OVV - OVT and CR 7-bit
SCLK
XCS
MISO
MOSI
Tlead
Tpw
Tds
Tdh
Tlag
Ttd
Tdv
Tho
Bit7
Bit6
Bit0
Bit7
Bit6
Bit0
Tsclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19