Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD4933 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button SD4933 Datasheet HTML 10Page - STMicroelectronics SD4933 Datasheet HTML 11Page - STMicroelectronics SD4933 Datasheet HTML 12Page - STMicroelectronics SD4933 Datasheet HTML 13Page - STMicroelectronics SD4933 Datasheet HTML 14Page - STMicroelectronics SD4933 Datasheet HTML 15Page - STMicroelectronics SD4933 Datasheet HTML 16Page - STMicroelectronics SD4933 Datasheet HTML 17Page - STMicroelectronics SD4933 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
VGS/GFS sorts
SD4933
14/19
Doc ID 15487 Rev 6
Marking
Vgs(min)
Vgs(max)
Gfs(min)
Gfs(max)
D6
2.25
2.50
10
11
D7
2.25
2.50
11
12
D8
2.25
2.50
12
13
D9
2.25
2.50
13
14
E1
2.50
2.75
5
6
E2
2.50
2.75
6
7
E3
2.50
2.75
7
8
E4
2.50
2.75
8
9
E5
2.50
2.75
9
10
E6
2.50
2.75
10
11
E7
2.50
2.75
11
12
E8
2.50
2.75
12
13
E9
2.50
2.75
13
14
F1
2.75
3.00
5
6
F2
2.75
3.00
6
7
F3
2.75
3.00
7
8
F4
2.75
3.00
8
9
F5
2.75
3.00
9
10
F6
2.75
3.00
10
11
F7
2.75
3.00
11
12
F8
2.75
3.00
12
13
F9
2.75
3.00
13
14
G1
3.00
3.25
5
6
G2
3.00
3.25
6
7
G3
3.00
3.25
7
8
G4
3.00
3.25
8
9
G5
3.00
3.25
9
10
G6
3.00
3.25
10
11
G7
3.00
3.25
11
12
G8
3.00
3.25
12
13
G9
3.00
3.25
13
14
H1
3.25
3.50
5
6
H2
3.25
3.50
6
7
H3
3.25
3.50
7
8
H4
3.25
3.50
8
9
Table 9.
VGS/GFS sorts (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19