| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330DLTR Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DLTR Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 54 page ![]() Application hints LSM330DL 20/54 Doc ID 022018 Rev 1 The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely programmed by the user though the SPI/I2C interface. 4.2 Soldering information The LGA package is compliant with the ECOPACK®, RoHS and “Green” standards. It is qualified for soldering heat resistance according to JEDEC J-STD-020D. Leave “Pin 1 Indicator” unconnected during soldering. The landing pattern and soldering recommendations are available at www.st.com/mems. |