| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330DL Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DL Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 54 page ![]() Block diagram and pin description LSM330DL 10/54 Doc ID 022018 Rev 1 1.2 Pin description Figure 2. Pin connections Y 1 X Z DIRECTION OF DETECTABLE ACCELERATIONS Z DIRECTION OF DETECTABLE ANGULAR RATE 1 +Ω X +Ω z +Ω Y Y FILTVDD FILTIN Y (BOTTOM VIEW) 24 1 LSM330DL 28 10 15 11 14 25 Vdd_IO_A VCONT Res GND Res SCL_G Vdd_IO_G Res X AM09256V1 Table 2. Pin description Pin# Name Function 1SDA/SDI_A Accelerometer: I2C serial data (SDA) SPI serial data input (SDI) 3-wire interface serial data output (SDO) 2 Res Reserved, connect to GND 3SDO_A Accelerometer: SPI serial data output (SDO) I2C least significant bit of the device address (SA0) 4SCL_A Accelerometer: I2C serial clock (SCL) SPI serial port clock (SPC) 5 DRDY_G/INT2_G Gyroscope data ready/interrupt signal 2 6 INT1_A Accelerometer interrupt signal 7SDO_G Gyroscope: SPI serial data output (SDO) I2C least significant bit of the device address (SA0) 8 INT2_A Accelerometer interrupt signal 9SDA/SDI_G Gyroscope: I2C serial data (SDA) SPI serial data input (SDI) 3-wire interface serial data output (SDO) |