| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC4310 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4310 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 149 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 3.1 — 5 January 2012 13 of 149 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P1_12 R9 x K7 78 56 40 [3] I; PU I/O GPIO1[5] — General purpose digital input/output pin. I U1_DCD — Data Carrier Detect input for UART1. - R — Function reserved. I/O EMC_D5 — External memory data line 5. I T0_CAP1 — Capture input 1 of timer 0. - R — Function reserved. I/O SGPIO8 — General purpose digital input/output pin. I/O SD_DAT3 — SD/MMC data bus line 3. P1_13 R10 x H8 83 60 41 [3] I; PU I/O GPIO1[6] — General purpose digital input/output pin. O U1_TXD — Transmitter output for UART1. - R — Function reserved. I/O EMC_D6 — External memory data line 6. I T0_CAP0 — Capture input 0 of timer 0. - R — Function reserved. I/O SGPIO9 — General purpose digital input/output pin. I SD_CD — SD/MMC card detect input. P1_14 R11 x J8 85 61 42 [3] I; PU I/O GPIO1[7] — General purpose digital input/output pin. I U1_RXD — Receiver input for UART1. - R — Function reserved. I/O EMC_D7 — External memory data line 7. O T0_MAT2 — Match output 2 of timer 0. - R — Function reserved. I/O SGPIO10 — General purpose digital input/output pin. - R — Function reserved. P1_15 T12 x K8 87 62 43 [3] I; PU I/O GPIO0[2] — General purpose digital input/output pin. O U2_TXD — Transmitter output for USART2. I/O SGPIO2 — General purpose digital input/output pin. I ENET_RXD0 — Ethernet receive data 0 (RMII/MII interface). O T0_MAT1 — Match output 1 of timer 0. - R — Function reserved. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |