| Moteur de recherche de fiches techniques de composants électroniques |
|
R7X1008M-R22 Fiches technique(PDF) 1 Page - MPS Industries, Inc. |
|
|
|||||||||||||||||||||||||||||
R7X1008M-R22 Fiches technique(HTML) 1 Page - MPS Industries, Inc. |
|
|
1 / 1 page ![]() ENCAPSULATION MOLDED CHIP INDUCTOR • RoHS Compliant Product • Ordering Code: R7X1008M-XXX ( J, K Tolerance) • Inductance Tolerance: J = ±5%, K = ±10% (K is standard tolerance) • Package: Tape and Reel is the standard, 2000 pcs per reel • Operating Temperature: -40°C to +85°C Product performance is limited to specified parameter. Data is subject to change without prior notice. R7X1008M-XXX 0606JW 2463 208th, Ste. 205 Torrance, CA 90501 Phone: (310)533-1455 Fax: (310)533-1853 http://www.mpsind.com Email: sales@mpsind.com Dimensions Unless otherwise specified, all tolerances are: inch: .XX : ± 0.008 .XXX : ±0.004 mm: X,X : ± 0,20 X,XX : ±0,10 Mechanical Schematic R7X1008M SERIES ELECTRICAL SPECIFICATION @ 25°C Part Number L Q L.Q Test SRF R DC I DC Min Freq. Min Max Max R7X1008M- (µH) (MHz) (MHz) ( W ) R22 0.22 25 25.2 230 0.70 190 R27 0.27 25 25.2 210 0.75 180 R33 0.33 25 25.2 190 0.85 170 R39 0.39 25 25.2 175 0.95 160 R47 0.47 25 25.2 160 1.00 155 R56 0.56 25 25.2 150 1.10 150 R68 0.68 25 25.2 135 1.25 140 R82 0.82 25 25.2 125 1.40 130 1R0 1.00 25 7.96 115 0.65 195 1R2 1.2 25 7.96 100 0.75 180 1R5 1.5 25 7.96 90 0.85 170 1R8 1.8 25 7.96 85 0.95 160 2R2 2.2 25 7.96 80 1.05 155 2R7 2.7 25 7.96 75 1.20 145 3R3 3.3 25 7.96 65 1.30 135 3R9 3.9 25 7.96 60 1.40 130 4R7 4.7 25 7.96 55 1.55 125 5R6 5.6 25 7.96 50 1.75 120 6R8 6.8 25 7.96 45 1.95 115 8R2 8.2 25 7.96 40 2.20 105 100 10 25 2.52 32 3.50 80 120 12 25 2.52 30 3.80 75 150 15 25 2.52 28 4.40 70 180 18 25 2.52 25 5.00 65 220 22 252.52225.8060 270 27 20 2.52 21 6.30 115 330 33 202.52207.10 110 390 39 20 2.52 18 9.50 90 470 47 202.52 17 11.080 560 56 20 2.52 16 12.1 75 680 68 202.52 1516.6 70 820 82 202.52 1319.0 65 101 100 15 0.79 12 21.0 60 A B CDE 0.10 0.08 0.07 0.09 0.020 2,5 2,0 1,8 2,2 0,50 FH I J 0.048 0.059 0.025 0.060 1,20 1,50 0,64 1,53 |
Numéro de pièce similaire - R7X1008M-R22 |
|
Description similaire - R7X1008M-R22 |