| Moteur de recherche de fiches techniques de composants électroniques |
|
W25Q128BVCIP Fiches technique(PDF) 2 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q128BVCIP Fiches technique(HTML) 2 Page - Winbond |
|
2 / 74 page ![]() W25Q128BV - 2 - Table of Contents 1. GENERAL DESCRIPTION ............................................................................................................... 5 2. FEATURES....................................................................................................................................... 5 3. PACKAGE TYPES AND PIN CONFIGURATIONS........................................................................... 6 3.1 Pad Configuration WSON 8x6-mm ...................................................................................... 6 3.2 Pad Description WSON 8x6-mm.......................................................................................... 6 3.3 Pin Configuration SOIC 300-mil ........................................................................................... 7 3.4 Pin Description SOIC 300-mil............................................................................................... 7 3.5 Ball Configuration TFBGA 8x6-mm ...................................................................................... 8 3.6 Ball Description TFBGA 8x6-mm ......................................................................................... 8 4. PIN DESCRIPTIONS ........................................................................................................................ 9 4.1 Chip Select (/CS) .................................................................................................................. 9 4.2 Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3)..................................... 9 4.3 Write Protect (/WP) .............................................................................................................. 9 4.4 HOLD (/HOLD) ..................................................................................................................... 9 4.5 Serial Clock (CLK) ................................................................................................................ 9 5. BLOCK DIAGRAM .......................................................................................................................... 10 6. FUNCTIONAL DESCRIPTIONS..................................................................................................... 11 6.1 SPI OPERATIONS ............................................................................................................. 11 6.1.1 Standard SPI Instructions.....................................................................................................11 6.1.2 Dual SPI Instructions ............................................................................................................11 6.1.3 Quad SPI Instructions...........................................................................................................11 6.1.4 Hold Function .......................................................................................................................11 6.2 WRITE PROTECTION ....................................................................................................... 12 6.2.1 Write Protect Features .........................................................................................................12 7. STATUS REGISTERS AND INSTRUCTIONS ............................................................................... 13 7.1 STATUS REGISTERS........................................................................................................ 13 7.1.1 BUSY Status (BUSY)............................................................................................................13 7.1.2 Write Enable Latch Status (WEL) ........................................................................................13 7.1.3 Block Protect Bits (BP2, BP1, BP0)......................................................................................13 7.1.4 Top/Bottom Block Protect Bit (TB)........................................................................................13 7.1.5 Sector/Block Protect Bit (SEC) .............................................................................................13 7.1.6 Complement Protect Bit (CMP) ............................................................................................14 7.1.7 Status Register Protect Bits (SRP1, SRP0)..........................................................................14 7.1.8 Erase/Program Suspend Status (SUS) ................................................................................14 7.1.9 Security Register Lock Bits (LB3, LB2, LB1) ........................................................................14 7.1.10 Quad Enable Bit (QE).........................................................................................................15 7.1.11 Status Register Memory Protection (CMP = 0)...................................................................16 |