Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

03063C472MAT2A Fiches technique(PDF) 3 Page - AVX Corporation

No de pièce 03063C472MAT2A
Description  Low Inductance Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

03063C472MAT2A Fiches technique(HTML) 3 Page - AVX Corporation

  03063C472MAT2A Datasheet HTML 1Page - AVX Corporation 03063C472MAT2A Datasheet HTML 2Page - AVX Corporation 03063C472MAT2A Datasheet HTML 3Page - AVX Corporation 03063C472MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
69
LGA Low Inductance Capacitors
0204/0306/0805 Land Grid Arrays
Land Grid Array (LGA) capacitors are the latest family of low inductance MLCCs from AVX.
These new LGA products are the third low inductance family developed by AVX. The in-
novative LGA technology sets a new standard for low inductance MLCC performance.
Electronic Products awarded its 2006 Product of the Year Award to the LGA Decoupling
capacitor.
Our initial 2 terminal versions of LGA technology deliver the performance of an 8 terminal
IDC low inductance MLCC with a number of advantages including:
• Simplified layout of 2 large solder pads compared to 8 small pads for IDCs
• Opportunity to reduce PCB or substrate contribution to system ESL by using multi-
ple parallel vias in solder pads
• Advanced FCT manufacturing process used to create uniformly flat terminations on
the capacitor that resist “tombstoning”
• Better solder joint reliability
APPLICATIONS
Semiconductor Packages
• Microprocessors/CPUs
• Graphics Processors/GPUs
• Chipsets
• FPGAs
• ASICs
Board Level Device Decoupling
• Frequencies of 300 MHz or more
• ICs drawing 15W or more
• Low voltages
• High speed buses
0306 2 TERMINAL LGA COMPARISON WITH 0306 8 TERMINAL IDC
0.001
0.01
0.1
1
1
10
100
1000
Frequency (MHz)



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com