Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO7420FE Fiches technique(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No de pièce ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Fiches technique(HTML) 23 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments ISO7420FE Datasheet HTML 21Page - Texas Instruments ISO7420FE Datasheet HTML 22Page - Texas Instruments ISO7420FE Datasheet HTML 23Page - Texas Instruments ISO7420FE Datasheet HTML 24Page - Texas Instruments ISO7420FE Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ISO7420FEDR
SOIC
D
8
2500
358.0
335.0
35.0
ISO7421EDR
SOIC
D
8
2500
358.0
335.0
35.0
ISO7421FEDR
SOIC
D
8
2500
358.0
335.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Dec-2011
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25