Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT9232 Fiches technique(PDF) 8 Page - Holtek Semiconductor Inc

No de pièce HT9232
Description  Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9232 Fiches technique(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
14-pin DIP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.745
¾
0.775
B
0.240
¾
0.260
C
0.125
¾
0.135
D
0.125
¾
0.145
E
0.016
¾
0.020
F
0.050
¾
0.070
G
¾
0.1100
¾
H
0.295
¾
0.315
I
¾
0.375
¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.92
¾
19.69
B
6.10
¾
6.60
C
3.18
¾
3.43
D
3.18
¾
3.68
E
0.41
¾
0.51
F
1.27
¾
1.78
G
¾
2.54
¾
H
7.49
¾
8.00
I
¾
9.53
¾
HT9231/HT9232/HT9234
Rev. 1.10
8
June 2, 2010
1 4
8
1
7
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14