| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT15-R Fiches technique(PDF) 1 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
BAT15-R Fiches technique(HTML) 1 Page - Siemens Semiconductor Group |
|
1 / 2 page ![]() Silicon Schottky Diodes BAT 15- … R ESD: Electrostatic discharge sensitive device, observe handling precautions! Maximum Ratings Type Ordering Code Marking Package1) Pin Configuration BAT 15-020 R Q62702-D1264 –R BAT 15-050 R Q62702-D1272 BAT 15-090 R Q62702-D1281 BAT 15-110 R Q62702-D1290 Parameter Symbol Unit Junction temperature Tj 175 ˚C Tstg – 65 … + 150 Forward current IF 100 mA Storage temperature range Operating temperature range Top – 65 … + 150 Values 50 BAT 15-020 R BAT 15-050 R BAT 15-090 R BAT 15-110 R 1) For detailed information see chapter Package Outlines. q Beam lead technology q Low dimension q High performance q Low barrier |
Numéro de pièce similaire - BAT15-R |
|
Description similaire - BAT15-R |