Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLL014 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce IRLL014
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLL014 Fiches technique(HTML) 8 Page - Vishay Siliconix

  IRLL014 Datasheet HTML 1Page - Vishay Siliconix IRLL014 Datasheet HTML 2Page - Vishay Siliconix IRLL014 Datasheet HTML 3Page - Vishay Siliconix IRLL014 Datasheet HTML 4Page - Vishay Siliconix IRLL014 Datasheet HTML 5Page - Vishay Siliconix IRLL014 Datasheet HTML 6Page - Vishay Siliconix IRLL014 Datasheet HTML 7Page - Vishay Siliconix IRLL014 Datasheet HTML 8Page - Vishay Siliconix IRLL014 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 91363
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
SOT-223 (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension do not include mold flash.
4. Outline conforms to JEDEC outline TO-261AA.
D
B
3
B1
0.10 (0.004) M C
M
H
0.10 (0.004) M C B M
0.20 (0.008) M C A M
0.10 (0.004) M C B M
3 x B
e1
e
1
2
3
A
E
4
C
A
0.08 (0.003)
θ
4 x L
L1
4 x C
3
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
1.55
1.80
0.061
0.071
B
0.65
0.85
0.026
0.033
B1
2.95
3.15
0.116
0.124
C
0.25
0.35
0.010
0.014
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.0905 BSC
e1
4.60 BSC
0.181 BSC
H
6.71
7.29
0.264
0.287
L
0.91
-
0.036
-
L1
0.061 BSC
0.0024 BSC
θ
-
10'
-
10'
ECN: S-82109-Rev. A, 15-Sep-08
DWG: 5969



Html Pages

1 2 3 4 5 6 7 8 9