| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T62 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T62 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 44 page ![]() M41T62/63/64/65 Description Doc ID 10397 Rev 19 9/44 Figure 8. M41T65 connections 1. Open drain. Figure 9. M41T62 block diagram 1. Open drain. 2. Defaults to 32 KHz on power-up. 3. Not bonded on embedded crystal (LCC) package. Table 2. Signal names XI Oscillator input XO Oscillator output SDA Serial data input/output SCL Serial clock input IRQ/OUT Interrupt or OUT output (open drain) IRQ/FT/OUT Interrupt, frequency test, or OUT output (open drain) SQW Programmable square wave - defaults to 32 KHz on power-up (open drain for M41T64 only) F32K Dedicated 32 KHz output (M41T64 only) WDO Watchdog timer output (open drain) VCC Supply voltage VSS Ground 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO WDO (1) VSS NC SCL SDA IRQ/FT/OUT (1) AI09102 REAL TIME CLOCK CALENDAR RTC W/ALARM OSCILLATOR FAIL DETECT SQUARE WAVE WATCHDOG IRQ/OUT (1) SQW (2) OFIE SDA SCL AFE SQWE I2C INTERFACE 32KHz OSCILLATOR XTAL AI08899a (3) (3) |