Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMIF06-MSDN16 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce EMIF06-MSDN16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSDN16 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button EMIF06-MSDN16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 9Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 10Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 11Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
EMIF06-MSD02N16
8/12
Figure 15.
Tape and reel specification
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin 1
mark is to be used for this purpose.
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4.00 ± 0.1
2.00 ± 0.1
4.00 ± 0.1
Ø 1.55 ± 0.05
0.80 ± 0.1
1.70 ± 0.1
N6
N6
N6
N6
N6
N6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12