| Moteur de recherche de fiches techniques de composants électroniques |
|
LE24CB642 Fiches technique(PDF) 2 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LE24CB642 Fiches technique(HTML) 2 Page - Sanyo Semicon Device |
|
2 / 12 page ![]() LE24CB642 No.1330-2/12 Package Dimensions unit:mm (typ) 3032E [LE24CB642M] Pin Assignment Pin Descriptions PIN.1 NC Nonconnected pin PIN.2 NC Nonconnected pin PIN.3 NC Nonconnected pin PIN.4 GND Ground PIN.5 SDA Serial data input PIN.6 SCL Serial clock input/output PIN.7 WP Write protect PIN.8 VDD Power supply Block Diagram NC NC NC GND VDD WP SCL SDA 1 2 3 4 8 7 6 5 EEPROM Array High voltage generator Serial-Parallel converter Y decoder & Sense AMP SCL SDA Write controller WP SANYO : MSOP8(150mil) 3.0 12 8 0.25 0.65 (0.53) 0.125 unit:mm (typ) 3245B [LE24CB642TT] SANYO : MFP8(225mil) 12 8 5.0 0.15 0.35 1.27 (0.6) |