Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE24C322M Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LE24C322M
Description  Two Wire Serial Interface EEPROM (32k EEPROM)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24C322M Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LE24C322M Datasheet HTML 1Page - Sanyo Semicon Device LE24C322M Datasheet HTML 2Page - Sanyo Semicon Device LE24C322M Datasheet HTML 3Page - Sanyo Semicon Device LE24C322M Datasheet HTML 4Page - Sanyo Semicon Device LE24C322M Datasheet HTML 5Page - Sanyo Semicon Device LE24C322M Datasheet HTML 6Page - Sanyo Semicon Device LE24C322M Datasheet HTML 7Page - Sanyo Semicon Device LE24C322M Datasheet HTML 8Page - Sanyo Semicon Device LE24C322M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LE24C322M
No.0685-2/12
Package Dimensions
unit:mm (typ)
3032E
[LE24C322M]
Pin Assignment
Pin Descriptions
PIN.1
NC
Nonconnected pin
PIN.2
NC
Nonconnected pin
PIN.3
NC
Nonconnected pin
PIN.4
GND
Ground
PIN.5
SDA
Serial data input/output
PIN.6
SCL
Serial clock input
PIN.7
WP
Write protect
PIN.8
VDD
Power supply
Block Diagram
GND
1
2
3
4
8
7
6
5
NC
NC
NC
VDD
WP
SCL
SDA
EEPROM Array
High voltage generator
Serial-parallel converter
Y decoder & Sense AMP
SCL
SDA
Write controller
WP
SANYO : MFP8(225mil)
12
8
5.0
0.15
0.35
1.27
(0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12