Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC877C64C Fiches technique(PDF) 21 Page - Sanyo Semicon Device

No de pièce LC877C64C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C64C Fiches technique(HTML) 21 Page - Sanyo Semicon Device

Back Button LC877C64C Datasheet HTML 13Page - Sanyo Semicon Device LC877C64C Datasheet HTML 14Page - Sanyo Semicon Device LC877C64C Datasheet HTML 15Page - Sanyo Semicon Device LC877C64C Datasheet HTML 16Page - Sanyo Semicon Device LC877C64C Datasheet HTML 17Page - Sanyo Semicon Device LC877C64C Datasheet HTML 18Page - Sanyo Semicon Device LC877C64C Datasheet HTML 19Page - Sanyo Semicon Device LC877C64C Datasheet HTML 20Page - Sanyo Semicon Device LC877C64C Datasheet HTML 21Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-21/21
Figure 8 LCD bias resistor
PS
VLCD
SW : ON (VLCD=VDD)
2/3VLCD
1/2VLCD
1/3VLCD
SW : ON/OFF (programmable)
VDD
GND
RLCD
RLCD
RLCD
RLCD
RLCD
RLCD
RLCD
RLCD
RLCD
RLCD
This catalog provides information as of August, 2006. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the
performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted
in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer's
products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21