Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD582 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SD582
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD582 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD582 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD582 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD582
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; RBE= ∞
140
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 5mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.7A
B
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 5V
1.5
V
ICBO
Collector Cutoff Current
VCB= 160V; IE= 0
10
μA
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
35
200
hFE-2
DC Current Gain
IC= 7A; VCE= 5V
20
hFE-1 Classifications
A
B
C
35-70
60-120
100-200
isc Website:www.iscsemi.cn



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com