Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD581 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce 2SD581
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD581 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD581 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD581 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD581
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 100V(Min.)
·Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.5V(Max.)@ IC= 5A
APPLICATIONS
·Designed for 40~60W audio amplifier power output
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Peak
12
A
IB
B
Base Current-Continuous
2
A
PC
Collector Power Dissipation
@TC=25℃
60
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


Numéro de pièce similaire - 2SD581

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SD582 ETC-2SD582 Datasheet
69Kb / 1P
80~100W AUDIO AMP, POWER OUTPUT Complementary pair with 2SB612/A
logo
Inchange Semiconductor ...
2SD582 ISC-2SD582 Datasheet
221Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SD582A ETC-2SD582A Datasheet
69Kb / 1P
80~100W AUDIO AMP, POWER OUTPUT Complementary pair with 2SB612/A
logo
Inchange Semiconductor ...
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
isc Silicon NPN Power Transistors
logo
List of Unclassifed Man...
2SD587 ETC-2SD587 Datasheet
144Kb / 1P
PNP / NPN SILICON TRIPLE DIFFUSED TRANSISTOR
More results

Description similaire - 2SD581

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com