Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT48R063B Fiches technique(PDF) 78 Page - Holtek Semiconductor Inc

No de pièce HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Fiches technique(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT48R063B Datasheet HTML 74Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 75Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 76Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 77Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 78Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 79Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 80Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 81Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
28-pin SSOP (150mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
¾
0.244
B
0.150
¾
0.157
C
0.008
¾
0.012
C
¢
0.386
¾
0.394
D
0.054
¾
0.060
E
¾
0.025
¾
F
0.004
¾
0.010
G
0.022
¾
0.028
H
0.007
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
¾
6.20
B
3.81
¾
3.99
C
0.20
¾
0.30
C
¢
9.80
¾
10.01
D
1.37
¾
1.52
E
¾
0.64
¾
F
0.10
¾
0.25
G
0.56
¾
0.71
H
0.18
¾
0.25
a
0
°¾
8
°
HT48R063B/064B/065B/066B
Rev. 1.00
78
April 7, 2011
2 8
1
1 5
1 4
A
B
C
D
F
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84