Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R005 Fiches technique(PDF) 6 Page - Holtek Semiconductor Inc

No de pièce HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Fiches technique(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
Interrupt
A/D
Buzzer
Stack
Package
Ext.
Int.
HT48R005
0.5K
´14
32
´86
1
1
1
1
¾
12
10MSOP
HT46R005
0.5K
´14
32
´8
6
1
1
1
2
12-bit
´31
2
10MSOP
Note:
The internal clock in the table is a fully integrated RC oscillator requiring no external components which can be
used as the system clock.
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT48R005/HT46R005
Rev. 1.00
6
November 29, 2011
8 - b i t
R I S C
M C U
C o r e
I / O
P o r t s
B u z z e r
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
T i m e r
A / D
C o n v e r t e r
V D D
P A 6 / O S C 1
P A 5 / O S C 2
P A 7 / R E S
N C
V S S
P A 0 / B Z / A N 0
P A 1 / B Z / A N 1
P A 2 / T M R / I N T / A N 2
N C
H T 4 6 R 0 0 5
1 0 M S O P - A
V D D
P A 6 / O S C 1
P A 5 / O S C 2
P A 7 / R E S
N C
V S S
P A 0 / B Z
P A 1 / B Z
P A 2 / T M R / I N T
N C
H T 4 8 R 0 0 5
1 0 M S O P - A
1 0
9
8
7
6
1
2
3
4
5
1 0
9
8
7
6
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62