Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45B0F Fiches technique(PDF) 19 Page - Holtek Semiconductor Inc

No de pièce HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Fiches technique(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45B0F Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 19Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 20Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 21Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 22Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Application Circuit
HT45B0F
Rev. 1.00
19
June 7, 2011
S C K
S D O
S D I
S C S
I N T
O S C 2
O S C 1
S C K
S D O
S D I
S C S
I N T
R X
T X
R O U T
T I N
T o / F r o m R S 2 3 2 B u s
R S 2 3 2
T r a n s c e i v e r
H T 4 5 B 0 F
H o s t M C U
C L K I
C l o c k O u t p u t
nored.
For a UART wake-up interrupt to occur, in addition to the
bits for the wake-up enable control and Receive inter-
rupt enable control being set, the global interrupt enable
control and the related interrupt enable control bits must
also be set. If these two bits are not set, then only a
wake-up event will occur and no interrupt will be ser-
viced. Note also that as it takes a period of delay after a
wake-up before normal microcontroller resumes, the
relevant UART interrupt will not be serviced until this pe-
riod of delay time has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23