| Moteur de recherche de fiches techniques de composants électroniques |
|
HT16C22 Fiches technique(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT16C22 Fiches technique(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 30 page ![]() Rev. 1.20 13 May 10, 2011 HT16C22/HT16C22G SEG n+2 SEG n+2 VLCD VLCD VSS VSS SEG n SEG n COM0 COM0 COM1 COM1 State1 (on) State1 (on) State2 (off) State2 (off) LCD segment LCD segment tLCD COM2 COM2 SEG n+3 SEG n+3 COM3 COM3 SEG n+1 SEG n+1 (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 VLCD VLCD VSS VSS (VLCD+VSS)/2 (VLCD+VSS)/2 LCD Bias Generator The full-scale LCD voltage (Vop) is obtained from VLCD – VSS. The LCD voltage may be temperature compensated externally through the Voltage supply to the VLCD pin. Fractional LCD biasing voltages are obtained from an internal voltage divider of three series resistors connected between VLCD and VSS. The centre resistor can be switched out of the circuits to provide a 1/2 bias voltage level for the 1/4 duty configuration. LCD Drive Mode Waveforms ● When two columns are provided in the LCD, the 1/4duty drive mode applies. The HT16C22/HT16C22G can use 1/2 or 1/3 bias types in output waveforms as shown as follows: Waveforms for 1/4 duty drive mode with1/2 bias (VOP=VLCD-VSS) |