Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1941GP Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1941GP
Description  For Digital Cameras Constant Current Forward/Reverse Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1941GP Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1941GP_10 Datasheet HTML 1Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 2Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 3Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB1941GP
Pin Assignment
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
(NC)
VCC
(NC)
(NC)
(NC) IN1
IN2
FC
(NC)
GND
RFS
RFG
(NC)
(NC) OUT1 OUT2
LB1941GP
Top view
Block Diagram
VCC
OUT1
OUT2
0.2V
IN2
GND
FC
RFG
RL
RF
IN1
ILB01540
+
--
C
P
U
Thermal protection circuit
Boost charge
circuit
Boost
discharge
circuit
Constant
current control
amplifier
RFS
No.A0195-3/4



Html Pages

1 2 3 4