Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1663M Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1663, 1663M, 1666
No.2552-3/5
Package Dimensions
unit : mm (typ)
3054B
[LB1666]
Pin Assignment
Truth Table
IN+
IN-
C
OUT1
OUT2
H
L
L
H
L
L
H
L
L
H
H
L
H
H
H
L
H
H
H
H
SANYO : DIP16F(300mil)
1
8
16
9
0.5
(0.61)
2.54
19.0
1.3
1.65
1.25
1
10
2
9
3
8
4
7
5
6
VIN RD B1 B2 OUT2
IN- IN+ C
DIP 10S
Top view
Top view
OUT1 GND
LB1663
1
16
2
15
3
14
4
13
5
12
VIN RD B1 B2
IN-
NC
FRAME
FRAME
FRAME
FRAME
IN+
C
MFP 16FS
6
11
OUT2
OUT1
7
10
NC
GND
8
9
LB1663M
Top view
1
16
2
15
3
14
4
13
5
12
VIN
RD
N+
IN-
FIN
FIN
FIN
FIN
NC
B2
B1
C
DIP 16F
6
11
OUT1
OUT2
7
10
NC
NC
8
9
LB1666
Pd max – Ta
Ambient temperature, Ta – °C
0
1.2
1.6
2.0
0.8
0.9
0.4
2.4
– 30 – 20
20
40
60
80
0
100
LB1663, LB1663M (with specified board)
LB1663M
LB1666
Specified board : 20
× 30 × 1.5mm3
glass epoxy (1663M)



Html Pages

1 2 3 4 5