Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD1 Fiches technique(PDF) 6 Page - Magnetrol International, Inc.

No de pièce TD1
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAGNETROL [Magnetrol International, Inc.]
Site Internet  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1 Fiches technique(HTML) 6 Page - Magnetrol International, Inc.

Back Button TD1 Datasheet HTML 2Page - Magnetrol International, Inc. TD1 Datasheet HTML 3Page - Magnetrol International, Inc. TD1 Datasheet HTML 4Page - Magnetrol International, Inc. TD1 Datasheet HTML 5Page - Magnetrol International, Inc. TD1 Datasheet HTML 6Page - Magnetrol International, Inc. TD1 Datasheet HTML 7Page - Magnetrol International, Inc. TD1 Datasheet HTML 8Page - Magnetrol International, Inc. TD1 Datasheet HTML 9Page - Magnetrol International, Inc. TD1 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
In The Magnetrol Product Calibration Lab,
Thermatel products are calibrated and tested to meet
customer specifications. Calibrations traceable to NIST.
6
General Description:
The Magnetrol TA2 Thermal Dispersion Mass Flow Transmitter provides
direct mass flow measurement of air and gases. The powerful micro-
processor-based electronics provide an instrument that is easy to
configure to the application, yet provides flexibility and ease of use.
Advanced temperature compensation provides high performance over the
entire operating range of the instrument. Installed cost of this instrument
is very competitive with other gas mass flow measurement technologies.
Technology Features:
Direct mass flow measurement in SCFM, SCFH, MMSCFD,
Nm3/h, lb/hr, kg/hr
Excellent low flow sensitivity
High turndown ratios
Ease of installation
Low pressure drop
Applications:
Typical applications include combustion air-flow measurement,
compressed air, natural gas flow, flare lines, digester/bio gas, and other
process gas flow measurement.
Model TA2
Mass Flow Transmitter
Model TA2
Mass Flow Transmitter
Model TA2
with Flow Body
THERMATEL TA2
Thermal Mass Flow Transmitter
Mass Flow Measurement of Air and Gas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12