Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB634 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SB634
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB634 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB634 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB634 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SB634
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -5mA; IE= 0
-120
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -50mA; RBE= ∞
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -5mA; IC= 0
-6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-1.5
V
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -1A; VCE= -5V
40
320
hFE-2
DC Current Gain
IC= -3A; VCE= -5V
20
fT
Current-Gain—Bandwidth Product
IC= -1A; VCE= -5V
15
MHz
hFE-1 Classifications
C
D
E
F
40-80
60-120
100-200
160-320
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com