| Moteur de recherche de fiches techniques de composants électroniques |
|
962-5DA0-032 Fiches technique(PDF) 11 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
962-5DA0-032 Fiches technique(HTML) 11 Page - Magnetrol International, Inc. |
|
11 / 12 page ![]() A G E N C Y A P P R O V A L S AGENCY APPROVED MODELS PROTECTION METHOD AREA CLASSIFICATION FM & CSA 96X-X0A0-X10 Explosion Proof Class I, Div. 1,Groups B, C, & D 96X-X0A0-X11 Class II, Div. 1, Groups E, F, & G 96X-X0A0-X12 Class III, Type 4X, IP 66, T6 96X-X0A0-X13 96X-X0A1-X10 96X-X0A1-X11 96X-XDA0-X30 96X-XDA0-X31 96X-XDA0-X32 96X-XDA0-X33 96X-XDA1-X30 96X-XDA1-X31 with transducers 9AX-XXXX-XXX or 9MX-XXXX-XXX 96X-XXAX-XXX or Non-Incendive Class I, Div. 2,Groups A, B, C, & D with transducers Class II, Div. 2, Groups E, F, & G 9AX-XXXX-XXX or Class III, Type 4X, IP 66, T4 9MX-XXXX-XXX 96X-50AX-X1X Intrinsically Safe Class I, Div. 1,Groups A, B, C, & D with transducers Class II, Div. 1, Groups E, F, & G 9AX-XXXX-XXX or Class III, Type 4X, IP 66, T4 9MX-XXXX-XXX ATEX 96X-XXAX-XC0 Flameproof Ex II 1/2 G, EEx d IIC T6 96X-XXAX-XC1 96X-XXAX-XC2 96X-XXAX-XC3 with transducers 9XX-AXXX-XXX 9XX-SXXX-XXX 9XX-BXXX-XXX 9XX-CXXX-XXX 9XX-NXXX-XXX 9XX-KXXX-XXX 96X-50AX-XA0 Intrinsically Safe Ex II 1 G, EEx ia IIC T5 96X-50AX-XA1 96X-50AX-XA2 96X-50AX-XA3 with transducers 9XX-AXXA-XXX 9XX-SXXA-XXX 9XX-BXXA-XXX 9XX-CXXA-XXX 9XX-NXXA-XXX 9XX-KXXA-XXX M O D E L N U M B E R C O N N E C T I N G C A B L E Maximum Length: 150 feet Minimum Length: 10 feet Example: 12 feet = 012 CONNECTING CABLE LENGTH (FEET) 03 7 33 1 6 Remote cable for Model 961 7 Remote cable for Model 962 ELECTRONICS MODEL 11 These units are in compliance with: 1. The EMC Directive: 89/336/EEC. The units have been tested to EN 61326. 2. Directive 94/9/EC for equipment or protective system for use in potentially explosive atmospheres. 0344 |