Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

822-1002-C01 Fiches technique(PDF) 4 Page - Magnetrol International, Inc.

No de pièce 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAGNETROL [Magnetrol International, Inc.]
Site Internet  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Fiches technique(HTML) 4 Page - Magnetrol International, Inc.

  822-1002-C01 Datasheet HTML 1Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 2Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 3Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 4Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 5Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
1
1.0 Complete Installation
1.0
Complete Installation
This section provides detailed procedures for properly
installing, configuring, and, as needed, troubleshooting
Kotron Model 822, 832 and 842 Sentinel Point Level
Switches.
1.1
Unpacking
Unpack the instrument carefully. Make sure all compo-
nents have been removed from the packing material.
Check all the contents against the packing slip and report
any discrepancies to the factory.
Before proceeding with the installation, do the following:
• Inspect all components for damage. Report any damage
to the carrier within 24 hours.
• Make sure the nameplate model number agrees with the
packing slip and purchase order.
• Record the model and serial numbers for future
reference when ordering parts.
1.2
Electrostatic Discharge (ESD)
Handling Procedure
Magnetrol’s electronic instruments are manufactured to the
highest quality standards. These instruments use electronic
components that may be damaged by static electricity pre-
sent in most work environments.
The following steps are recommended to reduce the risk of
component failure due to electrostatic discharge.
• Ship and store circuit boards in anti-static bags. If an anti-
static bag is not available, wrap the board in aluminum
foil. Do not place boards on foam packing materials.
• Use a grounding wrist strap when installing and removing
circuit boards. A grounded workstation is recommended.
• Handle circuit boards only by the edges. Do not touch
components or connector pins.
• Make sure that all electrical connections are completely
made and none are partial or floating. Ground all
equipment to a good, earth ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40