| Moteur de recherche de fiches techniques de composants électroniques |
|
804-R010-230 Fiches technique(PDF) 3 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
804-R010-230 Fiches technique(HTML) 3 Page - Magnetrol International, Inc. |
|
3 / 8 page ![]() 3 Agency Approved Model Protection Method Area Classification FM 804-XXXX-23X Explosion proof Class I Div. 1, Groups B, C & D 804-XXXX-33X Class II, Div. 1, Groups E, F, & G Insulated rigid probes only Class III NEMA 4X, IP65 804-XXXX-53X Explosion proof Integral units 804-XXXX-63X with intrinsically safe Class I Div. 1, Groups B, C & D probe circuit Class II, Div. 1, Groups E, F, & G Class III NEMA 4X, IP65 Electronics Class I Div. 1, Groups B, C & D Class II, Div. 1, Groups E, F, & G Class III NEMA 4X, IP65 Remote probe Class I Div. 1, Groups A, B, C & D Class II, Div. 1, Groups E, F, & G Class III, NEMA 4X, IP65 CSA 804-XXXX-23X Explosion proof Class I Div. 1, Groups C & D 804-XXXX-33X Class II, Div. 1, Groups E, F, & G Insulated rigid probes only Class III TYPE 4X 804-XXXX-53X Explosion proof Integral units with IS probe circuit 804-XXXX-63X with intrinsically safe Class I Div. 1, Groups B, C & D probe circuit Class II, Div. 1, Groups E, F, & G Class III TYPE 4X Electronics Class I Div. 1, Groups B, C & D Class II, Div. 1, Groups E, F, & G Class III TYPE 4X Remote probe Class I Div. 1, Groups A, B, C & D Class II, Div. 1, Groups E, F, & G Class III TYPE 4X A G E N C Y A P P R O V A L S These units have been tested to EN 50081-2 and EN 50082-2 and are in compliance with the EMC Directive 89/336/EEC. For Class II, Groups E & F insulated probes must be used |