| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM8147 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM8147 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 360 page ![]() Arbiter 128 ICECrusher Trace Debug 48KB ROM 64KB RAM ARM Cortex-A8 Interrupt Controller (AINTC) L3 DMM 128 64 64 128 128 128 PLL_ARM 128 System Events 32 32 128 ARM Cortex-A8 NEON ETM 512KB L2$ 32KB L1I$ 32KB L1D$ DEVOSC TMS320DM8148, TMS320DM8147, TMS320DM8146 www.ti.com SPRS647B – MARCH 2011 – REVISED SEPTEMBER 2011 2.3 Device Compatibility 2.4 ARM ® Cortex™-A8 Microprocessor Unit (MPU) Subsystem Overview The ARM ® Cortex™-A8 Subsystem is designed to give the ARM Cortex-A8 Master control of the device. In general, the ARM Cortex-A8 is responsible for configuration and control of the various subsystems, peripherals, and external memories. The ARM Cortex-A8 Subsystem includes the following features: • ARM Cortex-A8 RISC processor: – ARMv7 ISA plus Thumb2™, JazelleX™, and Media Extensions – Neon™ Floating-Point Unit – Enhanced Memory Management Unit (MMU) – Little Endian – 32KB L1 Instruction Cache – 32KB L1 Data Cache – 512KB L2 Cache • CoreSight Embedded Trace Module (ETM) • ARM Cortex-A8 Interrupt Controller (AINTC) • Embedded PLL Controller (PLL_ARM) • 64KB Internal RAM • 48KB Internal Public ROM Figure 2-1 shows the ARM Cortex-A8 Subsystem for the device. Figure 2-1. ARM Cortex-A8 Subsystem For more details on the ARM Cortex-A8 Subsystem, see the System MMU section of the Chip Level Resources chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8). 2.4.1 ARM Cortex-A8 RISC Processor The ARM Cortex-A8 Subsystem integrates the ARM Cortex-A8 processor. The ARM Cortex-A8 processor is a member of ARM Cortex family of general-purpose microprocessors. This processor is targeted at multi-tasking applications where full memory management, high performance, low die size, and low power are all important. The ARM Cortex-A8 processor supports the ARM debug architecture and includes logic to assist in both hardware and software debug. The ARM Cortex-A8 processor has a Harvard architecture and provides a complete high-performance subsystem, including: • ARM Cortex-A8 Integer Core • Superscalar ARMv7 Instruction Set Copyright © 2011, Texas Instruments Incorporated Device Overview 13 Submit Documentation Feedback Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146 |