| Moteur de recherche de fiches techniques de composants électroniques |
|
301-R010-400 Fiches technique(PDF) 36 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
301-R010-400 Fiches technique(HTML) 36 Page - Magnetrol International, Inc. |
|
36 / 36 page ![]() BULLETIN: 51-624.1 EFFECTIVE: March 2011 SUPERSEDES: June 1999 PRODUCT WARRANTY All Magnetrol electronic and ultrasonic level and flow con- trols are warranted free of defects in materials or workman- ship for one full year from the date of original factory ship- ment. If returned within the warranty period; and, upon factory inspection of the control, the cause of the claim is determined to be covered under the warranty; then, Magnetrol will repair or replace the control at no cost to the purchaser (or owner) other than transportation. Magnetrol shall not be liable for misapplication, labor claims, direct or consequential damage or expense arising from the installation or use of equipment. There are no other warranties expressed or implied, except special written warranties covering some Magnetrol products. QUALITY ASSURANCE The quality assurance system in place at Magnetrol guarantees the highest level of quality throughout the company. Magnetrol is committed to providing full customer satisfaction both in quality products and quality service. The Magnetrol quality assurance system is registered to ISO 9001 affirming its commitment to known international quality standards providing the strongest assurance of product/service quality available. IMPORTANT SERVICE POLICY Owners of Magnetrol may request the return of a control or any part of a control for complete rebuilding or replacement. They will be rebuilt or replaced promptly. Controls returned under our service policy must be returned by Prepaid trans- portation. Magnetrol will repair or replace the control at no cost to the purchaser (or owner) other than transportation if: 1. Returned within the warranty period; and 2. The factory inspection finds the cause of the claim to be covered under the warranty. If the trouble is the result of conditions beyond our control; or, is NOT covered by the warranty, there will be charges for labor and the parts required to rebuild or replace the equip- ment. In some cases it may be expedient to ship replacement parts; or, in extreme cases a complete new control, to replace the original equipment before it is returned. If this is desired, notify the factory of both the model and serial num- bers of the control to be replaced. In such cases, credit for the materials returned will be determined on the basis of the applicability of our warranty. No claims for misapplication, labor, direct or consequential damage will be allowed. RETURN MATERIAL PROCEDURE So that we may efficiently process any materials that are returned, it is essential that a “Return Material Authorization” (RMA) number be obtained from the factory, prior to the material’s return. This is available through a Magnetrol local representative or by contacting the factory. Please supply the following information: 1. Company Name 2. Description of Material 3. Serial Number 4. Reason for Return 5. Application Any unit that was used in a process must be properly cleaned in accordance with OSHA standards, before it is returned to the factory. A Material Safety Data Sheet (MSDS) must accompany material that was used in any media. All shipments returned to the factory must be by prepaid transportation. All replacements will be shipped F.O.B. factory. NOTE: See Electrostatic Discharge Handling Procedure on page 6. ASSURED QUALITY & SERVICE COST LESS 5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4000 • Fax 630-969-9489 • www.magnetrol.com 145 Jardin Drive, Units 1 & 2 • Concord, Ontario Canada L4K 1X7 • 905-738-9600 • Fax 905-738-1306 Heikensstraat 6 • B 9240 Zele, Belgium • 052 45.11.11 • Fax 052 45.09.93 Regent Business Ctr., Jubilee Rd. • Burgess Hill, Sussex RH15 9TL U.K. • 01444-871313 • Fax 01444-871317 Copyright © 2011 Magnetrol International, Incorporated. All rights reserved. Printed in the USA. |