| Moteur de recherche de fiches techniques de composants électroniques |
|
815222302 Fiches technique(PDF) 24 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
815222302 Fiches technique(HTML) 24 Page - Magnetrol International, Inc. |
|
24 / 28 page ![]() 21 50-605 Kotron RF Point Model 80/81 Level Switches 3.4 Terminal Connections Time Delay (if furnished) LED Indicator Zero Adjustment Span Adjustment (if furnished) Operating Relay Amplifier Assembly LED Indicator CM2 Fail-safe Mode Selection Switch 120/240 VAC input 50/60 HZ 24 VDC input Typical DPDT control relay. Each terminal screw is identified on the terminal strip NO2 NC2 NC1 NO1 CM1 AC AC GND DC+ GND Twisted Pair Terminals Serial Number Tag Transformer (A.C. Units only) either or Figure 14 Single Point Amplifier |