Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

815212302 Fiches technique(PDF) 24 Page - Magnetrol International, Inc.

No de pièce 815212302
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAGNETROL [Magnetrol International, Inc.]
Site Internet  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815212302 Fiches technique(HTML) 24 Page - Magnetrol International, Inc.

Back Button 815212302 Datasheet HTML 20Page - Magnetrol International, Inc. 815212302 Datasheet HTML 21Page - Magnetrol International, Inc. 815212302 Datasheet HTML 22Page - Magnetrol International, Inc. 815212302 Datasheet HTML 23Page - Magnetrol International, Inc. 815212302 Datasheet HTML 24Page - Magnetrol International, Inc. 815212302 Datasheet HTML 25Page - Magnetrol International, Inc. 815212302 Datasheet HTML 26Page - Magnetrol International, Inc. 815212302 Datasheet HTML 27Page - Magnetrol International, Inc. 815212302 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
21
50-605 Kotron RF Point Model 80/81 Level Switches
3.4
Terminal Connections
Time Delay
(if furnished)
LED Indicator
Zero Adjustment
Span Adjustment
(if furnished)
Operating Relay
Amplifier Assembly
LED Indicator
CM2
Fail-safe Mode
Selection Switch
120/240 VAC
input
50/60 HZ
24 VDC
input
Typical DPDT
control relay.
Each terminal
screw is identified
on the terminal strip
NO2
NC2
NC1
NO1
CM1
AC
AC
GND
DC+
GND
Twisted Pair Terminals
Serial Number Tag
Transformer
(A.C. Units only)
either
or
Figure 14
Single Point Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28