Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L3GD20TR Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce L3GD20TR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20TR Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button L3GD20TR Datasheet HTML 36Page - STMicroelectronics L3GD20TR Datasheet HTML 37Page - STMicroelectronics L3GD20TR Datasheet HTML 38Page - STMicroelectronics L3GD20TR Datasheet HTML 39Page - STMicroelectronics L3GD20TR Datasheet HTML 40Page - STMicroelectronics L3GD20TR Datasheet HTML 41Page - STMicroelectronics L3GD20TR Datasheet HTML 42Page - STMicroelectronics L3GD20TR Datasheet HTML 43Page - STMicroelectronics L3GD20TR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Package information
L3GD20
42/44
Doc ID 022116 Rev 1
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK is an ST trademark.
Figure 21.
LGA-16: mechanical data and package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1.000
0.0394
A2
0.7850.0309
A3
0.200
0.0079
d0.300
0.0118
D1
3.850
4.000
4.150 0.1516 0.1575 0.1634
E1
3.850
4.000
4.150 0.1516 0.1575 0.1634
L2
1.950
0.0768
M
0.100
0.0039
N1
0.650
0.0256
N2
0.975
0.0384
P1
1.750
0.0689
P2
1.525
0.0600
T1
0.400
0.0157
T2
0.300
0.0118
k
0.050
0.0020
LGA-16 (4x4x1mm)
Land Grid Array Package
Outline and
8125097_A
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44