Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPH Fiches technique(PDF) 2 Page - RUBYCON CORPORATION

No de pièce MPH
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RUBYCON [RUBYCON CORPORATION]
Site Internet  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPH Fiches technique(HTML) 2 Page - RUBYCON CORPORATION

  MPH Datasheet HTML 1Page - RUBYCON CORPORATION MPH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
: Tolerance  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
Cap(μF)
Rated
Voltage
A
B
C
F±1.0
LS±0.5
d
Bag
Carton
TC
TX, TH TL, TJ
TN
Long Lead type
Taping Ammo Pack Type - Style
TS
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPH
250
VDC
630
VDC
450
VDC
0.1
10.5
7.0
13.5
7.5
5.0/7.5 0.6
100
3,000
250MPH104□**
0.12
10.5
8.0
14.0
7.5
5.0/7.5 0.6
100
2,000
250MPH124□**
0.15
10.5
8.5
15.0
7.5
5.0/7.5 0.6
100
2,000
250MPH154□**
0.18
10.5
9.0
15.5
7.5
5.0/7.5 0.6
100
2,000
250MPH184□**
0.22
10.5
8.5
14.5
7.5
5.0/7.5 0.6
100
2,000
250MPH224□**
0.27
10.5
8.5
16.5
7.5
5.0/7.5 0.6
100
2,000
250MPH274□**
0.33
10.5
9.0
17.0
7.5
5.0/7.5 0.6
100
1,000
250MPH334□**
0.39
13.0
8.0
16.0
10.0 5.0/7.5/10.0 0.6
100
2,000
250MPH394□**
0.47
13.0
9.0
17.0
10.0 5.0/7.5/10.0 0.8
100
1,000
250MPH474□**
0.56
13.0 10.0 18.0
10.0 5.0/7.5/10.0 0.8
200
1,000
250MPH564□**
0.68
13.0 11.0 19.0
10.0 5.0/7.5/10.0 0.8
200
1,000
250MPH684□**
0.82
13.0 12.0 20.0
10.0 5.0/7.5/10.0 0.8
200
1,000
250MPH824□**
1
13.0 13.0 21.0
10.0 5.0/7.5/10.0 0.8
200
1,000
250MPH105□**
1.2
13.0 14.5 22.0
10.0 5.0/7.5/10.0 0.8
200
800
250MPH125□**
1.5
13.0 15.0 24.0
10.0 5.0/7.5/10.0 0.8
200
800
250MPH155□**
1.8
18.0 13.0 21.0
15.0 7.5/10.0/15.0 0.8
200
800
250MPH185□**
2.2
18.0 14.0 21.5
15.0 7.5/10.0/15.0 0.8
100
500
250MPH225□**
2.7
18.0 16.0 23.5
15.0 7.5/10.0/15.0 1.0
100
500
250MPH275□**
3.3
18.0 17.0 27.0
15.0 7.5/10.0/15.0 1.0
100
500
250MPH335□**
3.9
18.0 18.5 28.0
15.0 7.5/10.0/15.0 1.0
100
500
250MPH395□**
4.7
18.0 20.5 29.5
15.0 7.5/10.0/15.0 1.0
100
500
250MPH475□**
5.6
23.5 18.5 28.0
20.0
20.0
1.0
100
400
250MPH565□**
6.8
23.5 19.5 30.5
20.0
20.0
1.0
100
300
250MPH685□**
8.2
23.5 22.0 32.5
20.0
20.0
1.0
100
300
250MPH825□**
10
23.5 24.5 34.0
20.0
20.0
1.0
100
300
250MPH106□**
0.1
10.5
8.5
14.5
7.5
5.0/7.5 0.8
100
2,000
450MPH104□**
0.12
10.5
9.0
15.5
7.5
5.0/7.5 0.8
100
2,000
450MPH124□**
0.15
13.0
8.0
14.5
10.0 5.0/7.5/10.0 0.8
100
2,000
450MPH154□**
0.18
13.0
9.0
15.0
10.0 5.0/7.5/10.0 0.8
100
2,000
450MPH184□**
0.22
13.0
9.5
16.0
10.0 5.0/7.5/10.0 0.8
100
1,000
450MPH224□**
0.27
13.0 10.5 18.0
10.0 5.0/7.5/10.0 0.8
200
1,000
450MPH274□**
0.33
13.0 11.5 19.0
10.0 5.0/7.5/10.0 0.8
200
1,000
450MPH334□**
0.39
13.0 12.5 19.5
10.0 5.0/7.5/10.0 0.8
200
1,000
450MPH394□**
0.47
13.0 13.5 21.0
10.0 5.0/7.5/10.0 0.8
200
1,000
450MPH474□**
0.56
18.0 11.0 18.5
15.0 7.5/10.0/15.0 0.8
200
1,000
450MPH564□**
0.68
18.0 12.5 19.5
15.0 7.5/10.0/15.0 0.8
200
800
450MPH684□**
0.82
18.0 13.5 20.5
15.0 7.5/10.0/15.0 0.8
200
800
450MPH824□**
1
18.0 14.5 22.0
15.0 7.5/10.0/15.0 1.0
100
500
450MPH105□**
1.2
18.0 15.5 24.5
15.0 7.5/10.0/15.0 1.0
100
500
450MPH125□**
1.5
18.0 17.5 26.0
15.0 7.5/10.0/15.0 1.0
100
500
450MPH155□**
1.8
18.0 19.0 27.5
15.0 7.5/10.0/15.0 1.0
100
500
450MPH185□**
2.2
18.0 21.0 31.0
15.0 7.5/10.0/15.0 1.0
100
400
450MPH225□**
2.7
23.5 19.0 29.0
20.0
20.0
1.0
100
400
450MPH275□**
3.3
23.5 21.0 32.0
20.0
20.0
1.0
100
300
450MPH335□**
3.9
23.5 23.0 34.0
20.0
20.0
1.0
100
300
450MPH395□**
4.7
23.5 25.0 37.0
20.0
20.0
1.0
50
200
450MPH475□**
0.047 13.0
8.5
14.0
10.0 5.0/7.5/10.0 0.8
100
2,000
630MPH473□**
0.056 13.0
9.0
15.0
10.0 5.0/7.5/10.0 0.8
100
2,000
630MPH563□**
0.068 13.0 10.0 15.5
10.0 5.0/7.5/10.0 0.8
100
1,000
630MPH683□**
0.082 13.0 10.5 16.5
10.0 5.0/7.5/10.0 0.8
100
1,000
630MPH823□**
0.1
13.0 11.0 17.0
10.0 5.0/7.5/10.0 0.8
200
1,000
630MPH104□**
0.12
13.0 12.0 17.5
10.0 5.0/7.5/10.0 0.8
200
1,000
630MPH124□**
0.15
13.0 13.0 19.0
10.0 5.0/7.5/10.0 0.8
200
1,000
630MPH154□**
0.18
13.0 14.5 20.0
10.0 5.0/7.5/10.0 0.8
200
1,000
630MPH184□**
0.22
13.0 15.5 21.0
10.0 5.0/7.5/10.0 0.8
200
800
630MPH224□**
0.27
18.0 12.0 19.5
15.0 7.5/10.0/15.0 0.8
200
800
630MPH274□**
0.33
18.0 13.5 20.5
15.0 7.5/10.0/15.0 0.8
200
800
630MPH334□**
0.39
18.0 14.5 22.0
15.0 7.5/10.0/15.0 0.8
100
500
630MPH394□**
0.47
18.0 16.0 23.0
15.0 7.5/10.0/15.0 1.0
100
500
630MPH474□**
0.56
18.0 17.0 24.5
15.0 7.5/10.0/15.0 1.0
100
500
630MPH564□**
0.68
18.0 18.0 27.0
15.0 7.5/10.0/15.0 1.0
100
500
630MPH684□**
0.82
18.0 20.0 29.0
15.0 7.5/10.0/15.0 1.0
100
500
630MPH824□**
1
18.0 21.0 32.0
15.0 7.5/10.0/15.0 1.0
100
400
630MPH105□**
1.2
23.5 19.0 30.0
20.0
20.0
1.0
100
400
630MPH125□**
1.5
23.5 22.0 33.0
20.0
20.0
1.0
100
300
630MPH155□**
1.8
23.5 24.0 35.0
20.0
20.0
1.0
50
200
630MPH185□**
2.2
23.5 26.5 38.0
20.0
20.0
1.0
50
200
630MPH225□**



Html Pages

1 2