| Moteur de recherche de fiches techniques de composants électroniques |
|
GS9062-CFE3 Fiches technique(PDF) 15 Page - Gennum Corporation |
|
|
|||||||||||||||||||||||||||||
GS9062-CFE3 Fiches technique(HTML) 15 Page - Gennum Corporation |
|
15 / 46 page ![]() GS9062 Data Sheet 22209 - 7 February 2007 15 of 46 2.4 Solder Reflow Profiles The device is manufactured with Matte-Sn terminations and is compatible with both standard eutectic and Pb-free solder reflow profiles. The recommended standard eutectic reflow profile is shown in Figure 2-1. MSL qualification was performed using the maximum Pb-free reflow profile shown in Figure 2-2. Figure 2-1: Standard Eutectic Solder Reflow Profile Figure 2-2: Maximum Pb-free Solder Reflow Profile (Preferred) 25˚C 100˚C 150˚C 183˚C 230˚C 220˚C Time Temperature 6 min. max 120 sec. max 60-150 sec. 10-20 sec. 3˚C/sec max 6˚C/sec max 25˚C 150˚C 200˚C 217˚C 260˚C 250˚C Time Temperature 8 min. max 60-180 sec. max 60-150 sec. 20-40 sec. 3˚C/sec max 6˚C/sec max |