| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS951702 Fiches technique(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS951702 Fiches technique(HTML) 4 Page - Integrated Device Technology |
|
4 / 12 page ![]() 4 ICS951702 Advance Information 0664—07/29/02 Byte0: Functionality and Frequency Select Register (default = 0) Serial Configuration Command Bitmap Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. The I 2C readback of the power up default indicates the revision ID in bits 2, 7:4 as shown. t i Bn o i t p i r c s e DD W P , 2 t i B 4 : 7 t i B 3 S F2 S F1 S F0 S F K L C U P C ) z H M ( M A R D S ) z H M ( K L C I C P ) z H M ( P G A ) z H M ( e g a t n e c e r P d a e r p S 0 0 0 0 0 1 e t o N 2 t i B7 t i B6 t i B5 t i B4 t i B 00 0 0 0 6 6 . 6 66 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 0 0 1 6 6 . 6 60 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 0 1 0 0 0 . 0 0 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 0 1 1 0 0 . 0 0 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 0 0 0 0 . 0 0 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 0 1 3 3 . 3 3 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 1 0 3 3 . 3 3 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 1 1 3 3 . 3 3 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 0 0 6 6 . 6 66 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 0 1 6 6 . 6 60 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 1 0 0 0 . 0 0 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 1 1 0 0 . 0 0 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 0 0 0 0 . 0 0 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 0 1 3 3 . 3 3 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 1 0 3 3 . 3 3 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 1 1 3 3 . 3 3 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 10 0 0 0 9 9 . 9 69 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 0 1 9 9 . 9 60 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 0 0 0 . 5 0 19 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 1 0 0 . 5 0 10 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 0 0 0 . 5 0 10 0 . 0 4 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 1 0 0 . 0 4 19 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 1 0 0 0 . 0 4 10 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 1 1 0 0 . 0 4 10 0 . 0 4 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 0 3 3 . 3 73 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 1 3 3 . 3 70 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 0 0 0 . 0 1 13 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 1 0 0 . 0 1 10 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 1 0 0 0 0 . 0 1 16 6 . 6 4 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 1 0 1 6 6 . 6 4 13 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 1 1 0 6 6 . 6 4 10 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 11 1 1 1 6 6 . 6 4 16 6 . 6 4 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 - / + 3 t i B s t u p n I d e h c t a L , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d e l b a n E m u r t c e p S d a e r p S - 1 0 0 t i B g n i n n u R - 0 s t u p t u o ll a e t a t s i r T - 1 0 |