Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS54 Fiches technique(PDF) 3 Page - ice Components, Ins.

No de pièce GS54
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICE [ice Components, Ins.]
Site Internet  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GS54 Fiches technique(HTML) 3 Page - ice Components, Ins.

  GS54 Datasheet HTML 1Page - ice Components, Ins. GS54 Datasheet HTML 2Page - ice Components, Ins. GS54 Datasheet HTML 3Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Power Inductors
D IME n SIO n S
TYPE
A
b
C
D
E
F
G
GS43
4.0 +/- 0.3
4.5 +/- 0.3
1.5 Typ
3.2 +/- 0.3
4.5
2.10
0.8
GS54
5.2+/- 0.3
5.8 +/= 0.3
2.0 Typ
4.5 +/- 0.3
5.5
2.25
1.5
GS75
7.0 +/- 0.3
7.8 +/- 0.3
2.5 Typ
5.0 +/- 0.3
7.5
3.05
1.9
GS105
9.0 +/- 0.3
10.0 +/- 0.3
2.9 Typ
5.4 +/- 0.3
9.5
3.65
3.5
measurements in mm
D
C
XXX
A
B
E
F
G
Mechanical
E L E C T R I C A L
S P E C I F I C A T I O n S
G S
1 0 5
Part number
Inductance
Test Freq.
RDC
IDC
(uH min.)
(MHz)
(Ohms)
(Amps)
GS105-100
10
2.52 MHz
0.060
2.60
GS105-120
12
2.52 MHz
0.070
2.45
GS105-150
15
2.52 MHz
0.080
2.27
GS105-180
18
2.52 MHz
0.090
2.15
GS105-220
22
2.52 MHz
0.100
1.95
GS105-270
27
2.52 MHz
0.110
1.76
GS105-330
33
2.52 MHz
0.120
1.50
GS105-390
39
2.52 MHz
0.140
1.37
GS105-470
47
2.52 MHz
0.170
1.28
GS105-560
56
2.52 MHz
0.190
1.17
GS105-680
68
2.52 MHz
0.220
1.11
GS105-820
82
2.52 MHz
0.250
1.00
GS105-101
100
1.00 KHz
0.350
0.97
GS105-121
120
1.00 KHz
0.400
0.89
GS105-151
150
1.00 KHz
0.470
0.78
GS105-181
180
1.00 KHz
0.630
0.72
GS105-221
220
1.00 KHz
0.730
0.66
GS105-271
270
1.00 KHz
0.970
0.57
GS105-331
330
1.00 KHz
1.150
0.52
GS105-391
390
1.00 KHz
1.300
0.48
GS105-471
470
1.00 KHz
1.480
0.42
GS105-561
560
1.00 KHz
1.900
0.33
GS105-681
680
1.00 KHz
2.250
0.28
GS105-821
820
1.00 KHz
2.550
0.24
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
38
(02/08) GS-3



Html Pages

1 2 3