Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS5342 Fiches technique(PDF) 31 Page - Integrated Device Technology

No de pièce ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Fiches technique(HTML) 31 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 27Page - Integrated Device Technology ICS5342 Datasheet HTML 28Page - Integrated Device Technology ICS5342 Datasheet HTML 29Page - Integrated Device Technology ICS5342 Datasheet HTML 30Page - Integrated Device Technology ICS5342 Datasheet HTML 31Page - Integrated Device Technology ICS5342 Datasheet HTML 32Page - Integrated Device Technology ICS5342 Datasheet HTML 33Page - Integrated Device Technology ICS5342 Datasheet HTML 34Page - Integrated Device Technology ICS5342 Datasheet HTML 35Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
ICS5342
GENDAC
31
Read One Byte PLL Register then PLL Address Register
Monitor SENSE Signal
5342_28
RS0
RS1
RS2
D0-D7
WR*
RD*
t
WHRL3
t
RHRL1
t
RHRL1
t
RHRL2
ADDRESS
PLL
ADR+1
RED
GREEN
BLUE
SENSE
0.335V
t
S0D
5342_29
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35