| Moteur de recherche de fiches techniques de composants électroniques |
|
LMR2 Fiches technique(PDF) 3 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
LMR2 Fiches technique(HTML) 3 Page - Cree, Inc |
|
3 / 5 page ![]() 3 CLM-DS05 LMR2 Rev 1 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/modules Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, and TrueWhite are registered trademarks, and Cree TrueWhite and the Cree TrueWhite Technology logo are trademarks of Cree, Inc. Form Factor Form factor and measurements are shown below and additional details are also available by downloading the STEP file from www.cree.com/modules. The Cree LED module LMR2 is constructed with a durable cast-aluminum casing and comes complete with an integrated thermal management system. This system conducts heat away from LEDs and transfers it to the case, providing luminaire designers with the flexibility to further optimize their thermal design. A custom fit heat sink is also available and can be ordered separately (part number LMR020-HS02-0000-0000001). The weight of the LMR2 module is approximately 274 grams and 118 grams for the heat sink. |