Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TJ2995DP Fiches technique(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

No de pièce TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Fiches technique(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
8/9
HTC
TYPICAL APPLICATION INFORMATION
The typical application circuit used for SSTL-2 termination schemes with DDR-SDRAM can be seen in
Figure 2.
FIGURE 2. SSTL-2 Implementation
For SSTL-3 and other applications, it may be desirable to change internal reference voltage scaling
from the VDDQ / 2. An external resistor in series with the VDDQ pin can be used to lower the reference
voltage. Internally two 50 kΩ resistors set the output VTT to be equal to VDDQ / 2. The addition of a 11.1
kΩ external resistor will change the internal reference voltage causing the two outputs to track VDDQ * 0.45.
An implementation of this circuit can be seen in Figure 3.
FIGURE 3. SSTL-3 Implementation
Another application that is sometimes required is to increase the VTT output voltage from the scaling
factor of VDDQ * 0.5. This can be accomplished independently of VREF by using a resistor divider network
between VTT, VSENSE and Ground. An example of this circuit can be seen in Figure 4.
FIGURE 4. Increased VTT from the Scaling Factor



Html Pages

1 2 3 4 5 6 7 8 9