| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F405VG Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 154 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 46/154 Doc ID 022152 Rev 1 35 53 75 R14 94 PB14 FT PB14 SPI2_MISO/ TIM1_CH2N / TIM12_CH1 / OTG_HS_DMUSART3_RTS / TIM8_CH2N/I2S2ext_SD 36 54 76 R15 95 PB15 FT PB15 SPI2_MOSI / I2S2_SD/ TIM1_CH3N / TIM8_CH3N / TIM12_CH2 / OTG_HS_DP - 55 77 P15 96 PD8 FT PD8 FSMC_D13 / USART3_TX - 56 78 P14 97 PD9 FT PD9 FSMC_D14 / USART3_RX - 57 79 N15 98 PD10 FT PD10 FSMC_D15 / USART3_CK - 58 80 N14 99 PD11 FT PD11 FSMC_A16/USART3_CTS - 59 81 N13 100 PD12 FT PD12 FSMC_A17/TIM4_CH1 / USART3_RTS - 60 82 M15 101 PD13 FT PD13 FSMC_A18/TIM4_CH2 - - 83 - 102 VSS_8 VSS_8 - - 84 J13 103 VDD VDD - 61 85 M14 104 PD14 FT PD14 FSMC_D0/TIM4_CH3 - 62 86 L14 105 PD15 FT PD15 FSMC_D1/TIM4_CH4 - - 87 L15 106 PG2 FT PG2 FSMC_A12 - - 88 K15 107 PG3 FT PG3 FSMC_A13 - - 89 K14 108 PG4 FT PG4 FSMC_A14 - - 90 K13 109 PG5 FT PG5 FSMC_A15 - - 91 J15 110 PG6 FT PG6 FSMC_INT2 - - 92 J14 111 PG7 FT PG7 FSMC_INT3 /USART6_CK - - 93 H14 112 PG8 FT PG8 USART6_RTS / ETH_PPS_OUT - - 94 G12 113 VSS VSS - - 95 H13 114 VDD VDD 37 63 96 H15 115 PC6 FT PC6 I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX / DCMI_D0/TIM3_CH1 38 64 97 G15 116 PC7 FT PC7 I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX / DCMI_D1/TIM3_CH2 39 65 98 G14 117 PC8 FT PC8 TIM8_CH3/SDIO_D0 /TIM3_CH3/ USART6_CK / DCMI_D2 40 66 99 F14 118 PC9 FT PC9 I2S_CKIN/ MCO2 / TIM8_CH4/SDIO_D1 / /I2C3_SDA / DCMI_D3 / TIM3_CH4 41 67 100 F15 119 PA8 FT PA8 MCO1 / USART1_CK/ TIM1_CH1/ I2C3_SCL/ OTG_FS_SOF 42 68 101 E15 120 PA9 FT PA9 USART1_TX/ TIM1_CH2 / I2C3_SMBA / DCMI_D0/OTG_FS_VBUS 43 69 102 D15 121 PA10 FT PA10 USART1_RX/ TIM1_CH3/ OTG_FS_ID/DCMI_D1 44 70 103 C15 122 PA11 FT PA11 USART1_CTS / CAN1_RX / TIM1_CH4 / OTG_FS_DM 45 71 104 B15 123 PA12 FT PA12 USART1_RTS / CAN1_TX/ TIM1_ETR/ OTG_FS_DP 46 72 105 A15 124 PA13 FT JTMS-SWDIO JTMS-SWDIO 47 73 106 F13 125 VCAP_2 VCAP_2 - 74 107 F12 126 VSS VSS Table 5. STM32F40x pin and ball definitions (continued) Pins Pin name Function(1) after reset Alternate functions(2) |