| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F405VG Fiches technique(PDF) 147 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG Fiches technique(HTML) 147 Page - STMicroelectronics |
|
147 / 154 page ![]() STM32F405xx, STM32F407xx Application block diagrams Doc ID 022152 Rev 1 147/154 A.3 USB OTG full speed (FS) interface solutions Figure 76. USB OTG FS peripheral-only connection 1. External voltage regulator only needed when building a VBUS powered device. Figure 77. USB OTG FS host-only connection 1. STMPS2141STR/STULPI01B needed only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. |