Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F4-DISCOVERY Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F4-DISCOVERY
Description  STM32F4 high-performance discovery board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F4-DISCOVERY Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F4-DISCOVERY Datasheet HTML 1Page - STMicroelectronics STM32F4-DISCOVERY Datasheet HTML 2Page - STMicroelectronics STM32F4-DISCOVERY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
System requirements
STM32F4DISCOVERY
2/3
Doc ID 022204 Rev 1
1
System requirements
Windows PC (2000, XP, Vista, 7)
USB type A to Mini-B cable
2
Development toolchains
Altium TASKING™ VX-Toolset
Atollic TrueSTUDIO®
IAR, Embedded Workbench® for ARM
Keil, MDK-ARMTM
3
Demonstration software
The demonstration software is preloaded in the board’s Flash memory. It uses the MEMS
motion sensor to blink the four LEDs according to the motion direction and speed.
Connecting the board to a PC with a second USB 'type A to micro-B' cable converts it into a
standard mouse, and board motion controls the PC cursor.
The latest versions of the demonstration source code and associated documentation can be
downloaded from www.st.com/stm32f4-discovery.
4
Revision history
Table 2.
Document revision history
Date
Revision
Changes
15-Sept-2011
1
Initial version.



Html Pages

1 2 3