Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPV1040 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SPV1040
Description  High efficiency solar battery charger with embedded MPPT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1040 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SPV1040 Datasheet HTML 7Page - STMicroelectronics SPV1040 Datasheet HTML 8Page - STMicroelectronics SPV1040 Datasheet HTML 9Page - STMicroelectronics SPV1040 Datasheet HTML 10Page - STMicroelectronics SPV1040 Datasheet HTML 11Page - STMicroelectronics SPV1040 Datasheet HTML 12Page - STMicroelectronics SPV1040 Datasheet HTML 13Page - STMicroelectronics SPV1040 Datasheet HTML 14Page - STMicroelectronics SPV1040 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SPV1040
Package mechanical data
Doc ID 18080 Rev 3
13/15
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15.
TSSOP8 package mechanical drawing
Table 6.
TSSOP8 package mechanical data
Symbol
millimeters
Min.
Typ.
Max.
A
1.200
A1
0.050
0.150
A2
0.800
1.000
1.050
b
0.190
0.300
c
0.090
0.200
CP
0.100
D
2.900
3.000
3.100
e
–
0.650
–
E
6.200
6.400
6.600
E1
4.300
4.400
4.500
L
0.450
0.600
0.750
L1
1.000
0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15