Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS3DHTR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics LIS3DHTR Datasheet HTML 36Page - STMicroelectronics LIS3DHTR Datasheet HTML 37Page - STMicroelectronics LIS3DHTR Datasheet HTML 38Page - STMicroelectronics LIS3DHTR Datasheet HTML 39Page - STMicroelectronics LIS3DHTR Datasheet HTML 40Page - STMicroelectronics LIS3DHTR Datasheet HTML 41Page - STMicroelectronics LIS3DHTR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Package information
LIS3DH
40/42
Doc ID 17530 Rev 1
Figure 12.
LGA-16: Mechanical data and package dimensions
Table 67.
LGA-16: Mechanical data
Dim
mm
Min.
Typ.
Max.
A1
1
A2
0.785
A3
0.2
D1
2.85
3
3.15
E1
2.85
3
3.15
L1
1
1.06
L2
2
2.06
N1
0.5
N2
1
M
0.04
0.1
0.16
P1
0.875
P2
1.275
T1
0.29
0.35
0.41
T2
0.19
0.25
0.31
d
0.15
k
0.05
7983231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42