| Moteur de recherche de fiches techniques de composants électroniques |
|
DS1321 Fiches technique(PDF) 5 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1321 Fiches technique(HTML) 5 Page - Dallas Semiconductor |
|
5 / 12 page ![]() DS1321 5 of 12 FRESHNESS SEAL MODE When the battery is first attached to the DS1321 without VCC power applied, the device does not immediately provide battery-backup power on VCCO. Only after VCCI exceeds VCCTP will the DS1321 leave Freshness Seal Mode. This mode allows a battery to be attached during manufacturing but not used until after the system has been activated for the first time. As a result, no battery energy is drained during storage and shipping. FUNCTIONAL BLOCK DIAGRAM Figure 2 |