| Moteur de recherche de fiches techniques de composants électroniques |
|
MS6901 Fiches technique(PDF) 6 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6901 Fiches technique(HTML) 6 Page - MOSA ELECTRONICS |
|
6 / 9 page ![]() MOSA MS6901 Mono 1.1W Power Amplifier with Shutdown Selection REV 1 6/9 www.mosanalog.com Shutdown Control The shutdown may be enabled by either logic high or logic low that depending on shutdown mode selection. Both the SD pin and the SD Mode pin are TTL compatible input. The SD Mode is logic low, the device entries shutdown when SD is logic low. The SD Mode is logic high, the device entries shutdown when SD is logic high. High Pass Filter The input capacitor CIN and resister RIN are decided the cut-off frequency of the HPF. The equation is as follows: fcut-off = 1 / (2π*RIN *CIN) Thermal pad considerations The thermal pad must be connected to ground. The package with thermal pad of the MS6901 requires special attention on thermal design. The thermal pad on the bottom of the MS6901 should be soldered down to a copper pad on the circuit board. Heat can be conducted away from the thermal pad through the copper plane to ambient. If the copper plane is not on the top surface of the circuit board, 9 vias of 13 mil or smaller in diameter should be used to thermally couple the thermal pad to the bottom plane. For good thermal conduction, the vias must be plated through and solder filled. |